PART |
Description |
Maker |
STM809 STM809LW16F STM809LWX6F STM809MW16F STM809M |
320mW; I(o): 20mA; V(cc): -0.3 to 7.0V; reset circuit (STM809 - STM812) Reset Circuit Reset Circuit 复位电路
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V. ??????浣?
|
AAT3532 AAT3532IAS-B1 AAT3532IAS-T1 |
MicroPower?/a> Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit MicroPower Microprocessor Reset Circuit TRANSFORMER, 250VA, 2 X 60-55-0-55-60; Power, AC:250VA; Voltages, primary:0-240-380-415; Voltages, secondary:60-55-0-55-60, 60-55-0-55-60; Power, per secondary winding:125VA; Centres, fixing LxW:92 x 75 x 6 dia; Depth, RoHS Compliant: Yes MicroPowerMicroprocessor Reset Circuit Quad 2-input positive-AND gates with open collector outputs 14-PDIP 0 to 70 微功耗微处理器复位电路⑩
|
ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MIC6315-40D2U MIC6315-40D2UY MIC6315-40D3U MIC6315 |
Open-Drain 渭P Reset Circuit Open-Drain μP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4
|
Micrel Semiconductor http:// MICREL INC
|
ADM6821 ADM6821RART-RL ADM6821RART-RL7 ADM6822LART |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23 Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-High, Push-Pull Reset Output Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Open-Drain Reset Output
|
AD[Analog Devices]
|
AP1702 AP1702AW AP1702AWL AP1702BW AP1702BWL AP170 |
4.63 V, 3-pin microprocessor reset circuit 4.38 V, 3-pin microprocessor reset circuit 3.08 V, 3-pin microprocessor reset circuit TRANSISTOR, JFET N TO-18 RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.45Vf 0.2mA-ir PowerDI-123 3K/REEL JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V; Package/Case:TO-78 3-Pin Microprocessor Reset Circuits 3引脚微处理器复位电路 JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V 3引脚微处理器复位电路 2.93 V, 3-pin microprocessor reset circuit 2.63 V, 3-pin microprocessor reset circuit 4.00 V, 3-pin microprocessor reset circuit
|
ANACHIP[Anachip Corp] ETC[ETC] 复位半导 NEC, Corp. Kingbright, Corp.
|
AAT3532IAS-T1 AAT3532 AAT353205 |
MicroPower Microprocessor Reset Circuit MicroPower?/a> Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
TMP86FH92DMG |
8-bit microcontroller incorporating Flash memory, power-on reset circuit and voltage detecting circuit in 30-pin SSOP
|
Toshiba Semiconductor
|
ADM8611VABKSZ-RL7 ADM8611VABKSZ-RL |
Low Voltage Supervisory Circuit with Manual Reset and Active-Low Push-Pull Reset Output in 4-Lead SC70
|
Analog Devices
|
40200100/30MM 40205100/30MM 40205000/20MM 40200104 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit KUNSTST AZETALHOPOLYMER奇怪募100万Inhalt亲Packung沙头角 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit KUNSTST AZETALHOMOPOLYMER嘉信00 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit KUNSTST AZETALHOMOPOLYMER普拉00X305 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 塑料AZETALKOPOLYMER嘉信00
|
TOKO, Inc. TE Connectivity, Ltd. YEONHO Electronics Co., Ltd.
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|